PART |
Description |
Maker |
1300910025 |
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 15.24m
|
Molex Electronics Ltd.
|
1300910053 |
Woodhead Standard Cord Reel, 14/3 SJTOW Cord, 13.72m
|
Molex Electronics Ltd.
|
1300900010 |
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 10.67m
|
Molex Electronics Ltd.
|
1300910027 |
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 15.24m
|
Molex Electronics Ltd.
|
P006-003 |
Standard Computer Power Cord, 10A, 18AWG
|
Tripp Lite. All Rights Rese...
|
P0300025 |
Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 5-Pack, 2-ft
|
Tripp Lite. All Rights ...
|
2171.25 F930 217.315 |
ORANGE CAT5E PATCH CORD, 15 FT 轴向引线和墨盒保险丝- IEC标准设计 Axial Lead and Cartridge Fuses - Designed to IEC Standard
|
Littelfuse, Inc. http://
|
1N5399S 1N5391 1N5391_1 1N5391S 1N5392 1N5392S 1N5 |
RECTIFIER STANDARD SINGLE 1.5A 200V 200 50A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 RECTIFIER STANDARD SINGLE 1.5A 100V 100 50A-ifsm 5uA-ir 1.1V-vf DO-15 1K/BULK RECTIFIER STANDARD SINGLE 1.5A 600V 600 50A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 RECTIFIER STANDARD SINGLE 1.5A 50V 50 50A-ifsm 5uA-ir 1.1V-vf DO-41 5K/AMMO 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-41 RECTIFIER STANDARD SINGLE 1.5A 800V 800 50A-ifsm 5uA-ir 1.1V-vf DO-41 5K/AMMO 1.5 A, 800 V, SILICON, RECTIFIER DIODE, DO-41 1.5A RECTIFIER
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
AS7C331MFT36A-10TQC AS7C331MFT32A-85TQC AS7C331MFT |
From old datasheet system LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 1M X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 1M x 32/36 Flow-through synchronous SRAM 1M X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 1M x 32/36 Flow-through synchronous SRAM 1M X 36 STANDARD SRAM, 7.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 1M X 36 STANDARD SRAM, 8.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 1M X 32 STANDARD SRAM, 7.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3; Qty per Container: 1800; Container: Box 1M X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE, ZENER, 33V 5% 1W DIODE ZENER SINGLE 1000mW 22Vz 11.5mA-Izt 0.05 5uA-Ir 16.7Vr DO41-GLASS 5K/AMMO LM4040 Precision Micropower Shunt Voltage Reference; ; Container: Tray
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
1301800308 |
1 1/4 Cord Grip Grommet, F5 Body Size 19.05-22.23mm (.750-.875) Cord Diameter
|
Molex Electronics Ltd.
|
1301800337 |
1/4 Cord Grip Grommet, F0 Body Size 5.08-6.73mm (.200-.265) Cord Diameter
|
Molex Electronics Ltd.
|
|